| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LED171596ARSLR bảng dữ liệu(PDF) 117 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LED171596ARSLR bảng dữ liệu(HTML) 117 Page - Texas Instruments |
|
117 / 153 page ![]() 117 LED171596A www.ti.com SNVSAY2 – OCTOBER 2017 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Figure 252. LED15_08_DISABLE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led15_08_disable R/W-0h Table 234. LED15_08_DISABLE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led15_08_disable R/W 0h LED disable bits for LEDs 8-15: 0=Enable 1=Disable 7.6.1.228 LED23_16_DISABLE Register (Address = 1C3h) [reset = 0h] LED23_16_DISABLE is shown in Figure 253 and described in Table 235. Return to Summary Table. Figure 253. LED23_16_DISABLE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led23_16_disable R/W-0h Table 235. LED23_16_DISABLE Register Field Descriptions Bit Field Type Reset Description 15-8 RESERVED R/W 0h 7-0 led23_16_disable R/W 0h LED disable bits for LEDs 16-23: 0=Enable 1=Disable 7.6.1.229 LED31_24_DISABLE Register (Address = 1C4h) [reset = 0h] LED31_24_DISABLE is shown in Figure 254 and described in Table 236. Return to Summary Table. Figure 254. LED31_24_DISABLE Register 15 14 13 12 11 10 9 8 RESERVED R/W-0h 7 6 5 4 3 2 1 0 led31_24_disable R/W-0h |