| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2202AS bảng dữ liệu(PDF) 401 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2202AS bảng dữ liệu(HTML) 401 Page - Motorola, Inc |
|
401 / 670 page ![]() AN1315 3–255 Motorola Sensor Device Data www.motorola.com/semiconductors 092D 23 0C BLS $093B { /* we have a set–up error in wire jumpers J1 – J3 */ 092F 3F 02 CLR $02 portc = 0; /* */ 0931 A6 6E LDA #$6E portb = 0x6e; /* S */ 0933 B7 01 STA $01 0935 A6 CE LDA #$CE porta = 0xce; /* E */ 0937 B7 00 STA $00 0939 20 FE BRA $0939 while(1); } 093B B6 65 LDA $65 sensor_index = k; 093D B7 60 STA $60 093F 97 TAX sensor_model = type[k]; 0940 58 LSLX 0941 D6 08 12 LDA $0812,X 0944 B7 5E STA $5E 0946 D6 08 13 LDA $0813,X 0949 B7 5F STA $5F 094B 81 RTS } /***************************************************************************/ void sensor_slope() { 094C B6 03 LDA $03 k=portd & 0xf0; /* we only care about bits 4..7 */ 094E A4 F0 AND #$F0 0950 B7 65 STA $65 0952 34 65 LSR $65 k = k >> 4; /* right justify the variable */ 0954 34 65 LSR $65 0956 34 65 LSR $65 0958 34 65 LSR $65 095A BE 65 LDX $65 slope = slope_const[k]; 095C 58 LSLX 095D D6 08 1C LDA $081C,X 0960 B7 59 STA $59 0962 D6 08 1D LDA $081D,X 0965 B7 5A STA $5A 0967 81 RTS } /***************************************************************************/ void delay(void) /* just hang around for a while */ { 0968 3F 62 CLR $62 for (i=0; i<20000; ++i); 096A 3F 61 CLR $61 096C B6 62 LDA $62 096E A0 20 SUB #$20 0970 B6 61 LDA $61 0972 A2 4E SBC #$4E 0974 24 08 BCC $097E 0976 3C 62 INC $62 0978 26 02 BNE $097C 097A 3C 61 INC $61 097C 20 EE BRA $096C 097E 81 RTS } /***************************************************************************/ read_a2d(void) { /* read the a/d converter on channel 5 and accumulate the result in atodtemp */ 097F 3F 56 CLR $56 atodtemp=0; /* zero for accumulation */ 0981 3F 55 CLR $55 0983 3F 5B CLR $5B for ( adcnt = 0 ; adcnt<100; ++adcnt) /* do 100 a/d conversions */ 0985 B6 5B LDA $5B 0987 A8 80 EOR #$80 0989 A1 E4 CMP #$E4 098B 24 21 BCC $09AE { 098D A6 20 LDA #$20 adstat = 0x20; /* convert on channel 0 */ 098F B7 09 STA $09 0991 0F 09 FD BRCLR 7,$09,$0991 while (!(adstat & 0x80)); /* wait for a/d to complete */ 0994 B6 08 LDA $08 atodtemp = addata + atodtemp; 0996 3F 57 CLR $57 0998 B7 58 STA $58 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |