| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPX2202DP bảng dữ liệu(PDF) 569 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2202DP bảng dữ liệu(HTML) 569 Page - Motorola, Inc |
|
569 / 670 page ![]() 3–423 Motorola Sensor Device Data www.motorola.com/semiconductors Package Outline Dimensions CASE 344–15 ISSUE AA STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. – OUTPUT STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. – OUTPUT CASE 344B–01 ISSUE B SEATING PLANE B N R C J –T– D F U H L PORT #1 POSITIVE PRESSURE PIN 1 –A– –Q– S K G 4 PL –P– S Q M 0.25 (0.010) T S S M 0.13 (0.005) Q S T 12 3 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5, 1982. 2. CONTROLLING DIMENSION: INCH. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.305 0.325 7.75 8.26 D 0.016 0.020 0.41 0.51 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC H 0.182 0.194 4.62 4.93 J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.230 0.250 5.84 6.35 S U 0.910 BSC 23.11 BSC 0.220 0.240 5.59 6.10 (P1) M A M 0.136 (0.005) T 1 234 PIN 1 R N L G F D 4 PL SEATING PLANE –T– C M J B –A– DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.595 0.630 15.11 16.00 B 0.514 0.534 13.06 13.56 C 0.200 0.220 5.08 5.59 D 0.016 0.020 0.41 0.51 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.40 L 0.695 0.725 17.65 18.42 M 30 NOM 30 NOM N 0.475 0.495 12.07 12.57 R 0.430 0.450 10.92 11.43 __ NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION –A– IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630). DAMBAR TRIM ZONE: F THIS IS INCLUDED WITHIN DIM. “F” 8 PL 1 23 4 Y Z Y 0.048 0.052 1.22 1.32 Z 0.106 0.118 2.68 3.00 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |