công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXM2102AST1 bảng dữ liệu(PDF) 588 Page - Motorola, Inc

tên linh kiện MPXM2102AST1
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AST1 bảng dữ liệu(HTML) 588 Page - Motorola, Inc

Back Button MPXM2102AST1 Datasheet HTML 584Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 585Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 586Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 587Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 588Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 589Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 590Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 591Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 592Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 670 page
background image
3–442
Motorola Sensor Device Data
www.motorola.com/semiconductors
Standard Warranty Clause
Seller warrants that its products sold hereunder will at the time of shipment be free from defects in
material and workmanship, and will conform to Seller’s approved specifications. If products are not
as warranted, Seller shall, at its option and as Buyer’s exclusive remedy, either refund the purchase
price, or repair, or replace the product, provided proof of purchase and written notice of
nonconformance are received within the applicable periods noted below and provided said
nonconforming products are, with Seller’s written authorization, returned in protected shipping
containers FOB Seller’s plant within thirty (30) days after expiration of the warranty period unless
otherwise specified herein. If product does not conform to this warranty, Seller will pay for the
reasonable cost of transporting the goods to and from Seller’s plant. This warranty shall not apply
to any products Seller determines have been, by Buyer or otherwise, subjected to improper testing,
or have been the subject of mishandling or misuse.
THIS WARRANTY EXTENDS TO BUYER ONLY AND MAY BE INVOKED BY BUYER ONLY FOR
ITS CUSTOMERS. SELLER WILL NOT ACCEPT WARRANTY RETURNS DIRECTLY FROM
BUYER’S CUSTOMERS OR USERS OF BUYER’S PRODUCTS. THIS WARRANTY IS IN LIEU
OF ALL OTHER WARRANTIES WHETHER EXPRESS, IMPLIED OR STATUTORY INCLUDING
IMPLIED WARRANTIES OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE.
Seller’s warranty shall not be enlarged, and no obligation or liability shall arise out of Seller’s
rendering of technical advice and/or assistance.
A. Time periods, products, exceptions and other restrictions applicable to the above warranty are:
(1) Unless otherwise stated herein, products are warranted for a period of one (1) year from date
of shipment.
(2) Device Chips/Wafers. Seller warrants that device chips or wafers have, at shipment, been
subjected to electrical test/probe and visual inspection. Warranty shall apply to products
returned to Seller within ninety (90) days from date of shipment. This warranty shall not apply
to any chips or wafers improperly removed from their original shipping container and/or
subjected to testing or operational procedures not approved by Seller in writing.
B. Development products and Licensed Programs are licensed on an “AS IS” basis. IN NO EVENT
SHALL SELLER BE LIABLE FOR ANY INCIDENTAL OR CONSEQUENTIAL DAMAGES.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com