| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AST1 bảng dữ liệu(PDF) 531 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AST1 bảng dữ liệu(HTML) 531 Page - Motorola, Inc |
|
531 / 670 page ![]() AN1660 3–385 Motorola Sensor Device Data www.motorola.com/semiconductors TCR — Temperature coefficient of bridge resistance; shaped by a Table that accounts for cold temperature non–linearity’s TCR2 — Temperature coefficient of contact resistance; shaped by a Table that accounts for cold temperature non–linearity’s TCS — Temperature coefficient of Span; shaped by a Table that accounts for cold temperature non–linearity’s RPH — Bridge Resistance (RS1 and RS3) modified by pressure and temperature ROH — Offset Component of Bridge Resistors RS1 and RS3 RPL — Bridge Resistance (RS2 and RS4) modified by pressure and temperature ROL — Offset Component of Bridge Resistors RS2 and RS4 KB — Bias Constant; adjusts KP for bias voltage effects of span compensation network (MPX2000 and MPX5000 series sensors) KBT — Bias Constant; adjusts KO for bias voltage effects of span compensation network (MPX2000 and MPX5000 series sensors) GAIN — Instrumentation amplifier gain; differential gain (MPX5000 series) ROFF — Offset resistance; determines value of RS13 (MPX5000 series) After these calculations are made, the final bridge resis- tance calculation is performed in the circuit section. The value for bridge resistors RS1 and RS3 is RPH + ROH. Bridge resis- tors RS2 and RS4 are equal to RPL–ROL. CIRCUIT Three circuits are used to model the three sensor families, one each for the Uncompensated series, MPX2000 series, and MPX5000 series sensors. Schematics that are derived from the circuit netlists are shown in Figures 1, 2, and 3. They are discussed beginning with the Uncompensated series, which is the least complex. Uncompensated Series: The Uncompensated Series sensors (MPX10, MPX50, and MPX100) are modeled as Wheatstone bridges. In the configu- ration that is shown in Figure 1, resistors RS2 and RS4 decrease in value as pressure is applied. Similarly, RS1 and RS3 increase in value as pressure is applied. Resistors RS5 and RS7 are contact resistors. They represent real physical resistors that are used to make contact to the bridge. Resistors RS6 and RS8 are included to satisfy PSPICE’s requirement for no floating nodes. That’s it. The netlist in this model is quite simple. The hard part is calculating the values for RS1, RS2, RS3, and RS4. Figure 1. MPX10 and 100 PSPICE Compound Coefficient Model 3 0 2 4 5 1 ** ** ** ** * * NOTES: * TEMPERATURE SENSITIVE * * TEMPERATURE & PRESSURE SENSITIVE RS4 475 RS1 475 RS2 475 RS3 475 RS8 1000MEG RS7 675 RS5 750 RS6 1000MEG Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |