| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AST1 bảng dữ liệu(PDF) 374 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AST1 bảng dữ liệu(HTML) 374 Page - Motorola, Inc |
|
374 / 670 page ![]() AN1305 3–228 Motorola Sensor Device Data www.motorola.com/semiconductors 089B 33 02 COM $02 portc =~ portc; /* service the lcd */ 089D 33 01 COM $01 portb =~ portb; 089F 33 00 COM $00 porta =~ porta; 08A1 AD DD BSR $0880 fixcompare(); 08A3 80 RTI } /************************************************************************/ void adzero(void) /* called by initio() to save initial xdcr’s zero pressure offset voltage output */ { 08A4 4F CLRA for ( j=0; j<20; ++j) /* give the sensor time to ”warm–up” and the 08A5 3F 57 CLR $57 08A7 B7 58 STA $58 08A9 B6 57 LDA $57 08AB B7 60 STA $60 08AD B6 58 LDA $58 08AF B7 61 STA $61 08B1 B6 61 LDA $61 08B3 A0 14 SUB #$14 08B5 B6 60 LDA $60 08B7 A2 00 SBC #$00 08B9 24 0B BCC $08C6 power supply time to settle down */ { 08BB CD 08 17 JSR $0817 delay(); } 08BE 3C 61 INC $61 08C0 26 02 BNE $08C4 08C2 3C 60 INC $60 08C4 20 EB BRA $08B1 08C6 CD 08 37 JSR $0837 xdcr_offset = read_a2d(); 08C9 3F 5C CLR $5C 08CB B7 5D STA $5D 08CD 81 RTS } /**************************************************************************/ void initio (void) /* setup the I/O */ { 08CE A6 20 LDA #$20 adstat = 0x20; /* power–up the A/D */ 08D0 B7 09 STA $09 08D2 3F 02 CLR $02 porta = portb = portc = 0; 08D4 3F 01 CLR $01 08D6 3F 00 CLR $00 08D8 A6 FF LDA #$FF ddra = ddrb = ddrc = 0xff; 08DA B7 06 STA $06 08DC B7 05 STA $05 08DE B7 04 STA $04 08E0 B6 13 LDA $13 ac=tsr; /* dummy read */ 08E2 3F 1E CLR $1E ocmphi1 = ocmphi2 = 0; 08E4 3F 16 CLR $16 08E6 B6 1F LDA $1F ac = ocmplo2; /* clear out output compare 2 if it happens to be set */ 08E8 AD 96 BSR $0880 fixcompare(); /* set–up for the first timer interrupt */ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |