| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AT1 bảng dữ liệu(PDF) 248 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AT1 bảng dữ liệu(HTML) 248 Page - Motorola, Inc |
|
248 / 670 page ![]() MPX5010 MPXV5010G SERIES 3–102 Motorola Sensor Device Data www.motorola.com/semiconductors MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection inter- face between the board and the package. With the correct footprint, the packages will self align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and short- ing between solder pads. 0.660 16.76 0.060 TYP 8X 1.52 0.100 TYP 8X 2.54 0.100 TYP 8X 2.54 0.300 7.62 Figure 5. SOP Footprint (Case 482) inch mm SCALE 2:1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |