| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AT1 bảng dữ liệu(PDF) 204 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AT1 bảng dữ liệu(HTML) 204 Page - Motorola, Inc |
|
204 / 670 page ![]() MPX4080D 3–58 Motorola Sensor Device Data www.motorola.com/semiconductors PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE Motorola designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing fluoro silicone gel which protects the die from harsh media. The Motorola pres- sure sensor is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side is identified by the stainless steel cap. ORDERING INFORMATION: The MPX4080D is available only in the unibody package. Device Order No Device Type Case No Device Marking Device Order No. Device Type Case No. Device Marking MPX4080D Differential 867 MPX4080D Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |