công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXM2102AT1 bảng dữ liệu(PDF) 615 Page - Motorola, Inc

tên linh kiện MPXM2102AT1
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 bảng dữ liệu(HTML) 615 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 611Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 612Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 613Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 614Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 615Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 616Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 617Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 618Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 619Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 670 page
background image
MC14600
4–23
Motorola Sensor Device Data
www.motorola.com/semiconductors
Figure 3. MC14600 Timing Diagram
OSC
PIN 12
ALARM – N
– Y
LOW BATT
COMP (PIN 4)
DETECT OUT
(PIN 1)
LED – OFF
– ON
23
4
5
6
7
9
8
NO ALARM, LOW BATTERY
1
NO ALARM
NO LOW BAT
LOW BATTERY CHIRP
&
OSC
PIN 12
ALARM – N
– Y
NO ALARM
23
24 1
6
12
18
24
ALARM
LATCH ALARM CONDITION
HORN – ON
– OFF
LED – OFF
– ON
(NOTE 1)
24 CLOCKS
24 CLOCKS
HORN
(PINS 10 AND 11)
LOW BATT
COMP
DETECT OUT
(PIN 1)
NOTES:
1. Horn modulation is self–completing. When going from Alarm to No Alarm, the alarm condition will terminate only when horn is off.
2. Comparators are strobed once per cycle.
3. Low battery comparator information is latched only during LED pulse.
4. Current source required into Pin 1.
5. Alarm Condition can initiate on any clock pulse except 1 and 7.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More