công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXM2102AT1 bảng dữ liệu(PDF) 593 Page - Motorola, Inc

tên linh kiện MPXM2102AT1
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 bảng dữ liệu(HTML) 593 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 589Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 590Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 591Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 592Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 593Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 594Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 595Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 596Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 597Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 670 page
background image
4–1
Motorola Sensor Device Data
www.motorola.com/semiconductors
Safety and Alarm
Integrated Circuits
Section Four
Motorola’s Safety and Alarm Integrated Circuits (IC’s) are low
power, CMOS devices designed to meet a wide range of
smoke detector applications at very competitive prices. Moto-
rola has been producing both photoelectric and ionization
safety and alarm IC’s for more than 20 years. Found in con-
sumer and commercial applications worldwide, these inte-
grated circuits can be operated using a battery or AC power.
In addition, these devices are designed to be used in stand
alone units or as an interconnected system of up to 40 units.
All of Motorola’s safety and alarm IC’s have component recog-
nition from Underwriter’s Laboratories and the newest devices
meet the NFPA’s new temporal – new tone horn pattern.
Mini Selector Guide
4–2
. . . . . . . . . . . . . . . . . . . . . . . . .
Data Sheets
MC14467–1
4– 3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14468
4– 9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14578
4– 15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC14600
4–19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145010
4– 24
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145011
4– 34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145012
4– 44
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145017
4–54
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MC145018
4– 60
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Application Notes
AN1690
4– 66
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AN4009
4–70
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case Outlines
4–72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More