| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2102AT1 bảng dữ liệu(PDF) 547 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AT1 bảng dữ liệu(HTML) 547 Page - Motorola, Inc |
|
547 / 670 page ![]() AN1950 3–401 Motorola Sensor Device Data www.motorola.com/semiconductors Software Listing ;NitroWater 2.0 15Nov02 ;–––––––––––––– ; ;Water level reference design ;**************************** ; – uses NITRON (MC68HC08QC4) and MPAK (MPXM2010GS) ; CALIB: 2–point pressure calibration (0mm and 160mm) ; LEVEL: displays water level, flow, and graphics ; UNITS: displays A/D value, calib max/min values ;__________________________________________________________ ram equ $0080 ;memory pointers rom equ $EE00 vectors equ $FFDE ;__________________________________________________________ porta equ $00 ;registers ddra equ $04 config2 equ $1E config1 equ $1F tsc equ $20 tmodh equ $23 icgcr equ $36 adscr equ $3C adr equ $3E adiclk equ $3F flcr equ $FE08 flbpr equ $FFBE ;__________________________________________________________ org $FD00 ;flash variables N1 db $96 ;1st calibration pt. = 0mm org $FD40 N2 db $F6 ;2nd calibration pt. = 160mm org $FD80 ;__________________________________________________________ org vectors dw cold ;ADC dw cold ;Keyboard dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;not used dw cold ;TIM Overflow dw cold ;TIM Channel 1 dw cold ;TIM Channel 0 dw cold ;not used dw cold ;IRQ dw cold ;SWI dw cold ;RESET ($FFFE) ;__________________________________________________________ org ram BB ds 1 flshadr ds 2 flshbyt ds 1 memSP ds 2 mem03 ds 2 CNT ds 1 Lgfx ds 1 weath ds 1 ram0 ds 1 NC ds 1 NB ds 1 NA ds 1 DC ds 1 DB ds 1 DA ds 1 MB ds 1 MA ds 1 OB ds 1 OA ds 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |