công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPXM2102AT1 bảng dữ liệu(PDF) 377 Page - Motorola, Inc

tên linh kiện MPXM2102AT1
Giải thích chi tiết về linh kiện  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 bảng dữ liệu(HTML) 377 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 373Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 374Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 375Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 376Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 377Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 378Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 379Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 380Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 381Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 670 page
background image
AN1305
3–231
Motorola Sensor Device Data
www.motorola.com/semiconductors
099A 3D 50
TST
$50
if ( digit[0] == 0 )
/* leading zero suppression */
099C 26 04
BNE
$09A2
099E 3F 02
CLR
$02
portc = 0;
09A0 20 07
BRA
$09A9
else
09A2 BE 50
LDX
$50
portc = ( lcdtab[digit[0]] );
/* 100’s digit */
09A4 D6 08 00
LDA
$0800,X
09A7 B7 02
STA
$02
09A9 3D 50
TST
$50
if ( digit[0] == 0 && digit[1] == 0 )
09AB 26 08
BNE
$09B5
09AD 3D 51
TST
$51
09AF 26 04
BNE
$09B5
09B1 3F 01
CLR
$01
portb=0;
09B3 20 07
BRA
$09BC
else
09B5 BE 51
LDX
$51
portb = ( lcdtab[digit[1]] );
/* 10’s digit */
09B7 D6 08 00
LDA
$0800,X
09BA B7 01
STA
$01
09BC BE 52
LDX
$52
porta = ( lcdtab[digit[2]]+1 ); /* 1’s digit + decimal point */
09BE D6 08 00
LDA
$0800,X
09C1 4C
INCA
09C2 B7 00
STA
$00
09C4 9A
CLI
CLI;
09C5 CD 08 17
JSR
$0817
delay();
09C8 81
RTS
}
/****************************************************************/
void display_psi(void)
/* At power–up it is assumed that the pressure port of the sensor
is open to atmosphere. The code in initio() delays for the
sensor and power to stabilize. One hundred A/D conversions are
averaged and divided by 100. The result is called xdcr_offset.
This routine calls the A/D routine which performs one hundred
conversions, divides the result by 100 and returns the value.
If the value returned is less than or equal to the xdcr_offset,
the value of xdcr_offset is substituted. If the value returned
is greater than xdcr_offset, xdcr_offset is subtracted from the
returned value. That result is multiplied by a constant to yield
pressure in PSI * 10 to yield a ”decimal point”.
*/
{
while(1)
{
09C9 3F 59
CLR
$59
slope = 64;
09CB A6 40
LDA
#$40
09CD B7 5A
STA
$5A
09CF B6 03
LDA
$03
k = portd & 0xc0;
/* this lets us ”rubber” the slope to closer fit
09D1 A4 C0
AND
#$C0
09D3 B7 62
STA
$62
the slope of the sensor */
09D5 A1 80
CMP
#$80
if ( k == 0x80 )
/* J2 removed, J1 installed */
09D7 26 06
BNE
$09DF
09D9 3F 59
CLR
$59
slope = 65;
09DB A6 41
LDA
#$41
09DD B7 5A
STA
$5A
09DF B6 62
LDA
$62
if ( k == 0x40 ) /* J1 removed, J2 installed */
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More