| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2053GS bảng dữ liệu(PDF) 582 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2053GS bảng dữ liệu(HTML) 582 Page - Motorola, Inc |
|
582 / 670 page ![]() 3–436 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) CASE 1351–01 ISSUE O D E e/2 N e A M 0.004 (0.1) B C A E1 A B C 0.004 (0.1) A 0.006 (0.15) B C 8X b 2 PLACES 4 TIPS DETAIL G SEATING PLANE 8X P 1 4 8 5 NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M–1994. 3. DIMENSIONS ”D” AND ”E1” DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152) PER SIDE. 4. DIMENSION ”b” DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM. DIM A MIN MAX MIN MAX MILLIMETERS 0.370 0.390 9.39 9.91 INCHES A1 0.002 0.010 0.05 0.25 b 0.038 0.042 0.96 1.07 D 0.465 0.485 11.81 12.32 E 0.680 0.700 17.27 17.78 E1 0.465 0.485 11.81 12.32 e M 0.270 0.290 6.86 7.37 N 0.160 0.180 4.06 4.57 P 0.009 0.011 0.23 0.28 T 0.110 0.130 2.79 3.30 0.100 BSC 2.54 BSC F 0.240 0.260 6.10 6.60 K 0.115 0.135 2.92 3.43 L 0.040 0.060 1.02 1.52 F K M T ∅ GAGE DETAIL G L A1 θ .014 (0.35) PLANE 0 7 0 7 °° °° θ STYLE 1: PIN 1. GND 2. +Vout 3. Vs 4. –Vout 5. N/C 6. N/C 7. N/C 8. N/C STYLE 2: PIN 1. N/C 2. Vs 3. GND 4. Vout 5. N/C 6. N/C 7. N/C 8. N/C Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |