| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2053GS bảng dữ liệu(PDF) 377 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2053GS bảng dữ liệu(HTML) 377 Page - Motorola, Inc |
|
377 / 670 page ![]() AN1305 3–231 Motorola Sensor Device Data www.motorola.com/semiconductors 099A 3D 50 TST $50 if ( digit[0] == 0 ) /* leading zero suppression */ 099C 26 04 BNE $09A2 099E 3F 02 CLR $02 portc = 0; 09A0 20 07 BRA $09A9 else 09A2 BE 50 LDX $50 portc = ( lcdtab[digit[0]] ); /* 100’s digit */ 09A4 D6 08 00 LDA $0800,X 09A7 B7 02 STA $02 09A9 3D 50 TST $50 if ( digit[0] == 0 && digit[1] == 0 ) 09AB 26 08 BNE $09B5 09AD 3D 51 TST $51 09AF 26 04 BNE $09B5 09B1 3F 01 CLR $01 portb=0; 09B3 20 07 BRA $09BC else 09B5 BE 51 LDX $51 portb = ( lcdtab[digit[1]] ); /* 10’s digit */ 09B7 D6 08 00 LDA $0800,X 09BA B7 01 STA $01 09BC BE 52 LDX $52 porta = ( lcdtab[digit[2]]+1 ); /* 1’s digit + decimal point */ 09BE D6 08 00 LDA $0800,X 09C1 4C INCA 09C2 B7 00 STA $00 09C4 9A CLI CLI; 09C5 CD 08 17 JSR $0817 delay(); 09C8 81 RTS } /****************************************************************/ void display_psi(void) /* At power–up it is assumed that the pressure port of the sensor is open to atmosphere. The code in initio() delays for the sensor and power to stabilize. One hundred A/D conversions are averaged and divided by 100. The result is called xdcr_offset. This routine calls the A/D routine which performs one hundred conversions, divides the result by 100 and returns the value. If the value returned is less than or equal to the xdcr_offset, the value of xdcr_offset is substituted. If the value returned is greater than xdcr_offset, xdcr_offset is subtracted from the returned value. That result is multiplied by a constant to yield pressure in PSI * 10 to yield a ”decimal point”. */ { while(1) { 09C9 3F 59 CLR $59 slope = 64; 09CB A6 40 LDA #$40 09CD B7 5A STA $5A 09CF B6 03 LDA $03 k = portd & 0xc0; /* this lets us ”rubber” the slope to closer fit 09D1 A4 C0 AND #$C0 09D3 B7 62 STA $62 the slope of the sensor */ 09D5 A1 80 CMP #$80 if ( k == 0x80 ) /* J2 removed, J1 installed */ 09D7 26 06 BNE $09DF 09D9 3F 59 CLR $59 slope = 65; 09DB A6 41 LDA #$41 09DD B7 5A STA $5A 09DF B6 62 LDA $62 if ( k == 0x40 ) /* J1 removed, J2 installed */ Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |