| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2010GS bảng dữ liệu(PDF) 117 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS bảng dữ liệu(HTML) 117 Page - Motorola, Inc |
|
117 / 670 page ![]() AN1612 2–81 Motorola Sensor Device Data www.motorola.com/semiconductors RECEIVE A PAGE TURN ON THE SHOCK SENSOR IS IT IN SILENCE MODE? Y IS SHOCK SENSOR ACTIVATED OR BUTTON ACTIVATED? TURN OFF THE SHOCK SENSOR TURN OFF THE BUZZER OR VIBRATOR END N N Y N IS BUTTON ACTIVATED? Y Figure 10. Main Program Flowchart CONCLUSION The shock and mute pager design uses a comparator to create a logic level output by comparing the accelerometer output voltage and a user–defined reference voltage. The flexibility of this minimal component, high performance design makes it compatible with many different applications, e.g. hard disk drive knock sensing, etc. The design presented here uses a comparator which yields excellent logic–level outputs and output transition speeds for many applications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |