| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2010GS bảng dữ liệu(PDF) 570 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS bảng dữ liệu(HTML) 570 Page - Motorola, Inc |
|
570 / 670 page ![]() 3–424 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. – OUTPUT PORT #2 PORT #1 PORT #2 VACUUM SEATING PLANE SEATING PLANE K S W H L U F G D PORT #1 POSITIVE PRESSURE –Q– 12 4 3 PIN 1 4 PL –P– –T– –T– S Q M 0.25 (0.010) T S S M 0.13 (0.005) Q S T B N J C V R NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.405 0.435 10.29 11.05 D 0.016 0.020 0.41 0.51 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC H 0.182 0.194 4.62 4.93 J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.063 0.083 1.60 2.11 S U 0.910 BSC 23.11 BSC V 0.248 0.278 6.30 7.06 W 0.310 0.330 7.87 8.38 –A– 0.220 0.240 5.59 6.10 (P2) (P1) CASE 344C–01 ISSUE B CASE 344D–01 ISSUE B STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. – OUTPUT NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5, 1982. 2. CONTROLLING DIMENSION: INCH. SEATING PLANE B N R C J –T– D F U L H PORT #2 VACUUM POSITIVE PRESSURE PIN 1 –A– –Q– S K G 4 PL –P– S Q M 0.25 (0.010) T S S M 0.13 (0.005) Q S T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.305 0.325 7.75 8.26 D 0.016 0.020 0.41 0.51 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC H 0.182 0.194 4.62 4.93 J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.158 3.89 4.04 R 0.230 0.250 5.84 6.35 S U 0.910 BSC 23.11 BSC 12 34 0.220 0.240 5.59 6.10 (P2) (P1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |