| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2010GS bảng dữ liệu(PDF) 558 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS bảng dữ liệu(HTML) 558 Page - Motorola, Inc |
|
558 / 670 page ![]() AN1950 3–412 Motorola Sensor Device Data www.motorola.com/semiconductors pula bclr 4,porta bclr 5,porta rts iscmd: bsr lcdcmdo bra reuse1 ;–––––––– ROM Data –––––––––––––––––––––––––––––––––––––––––––––––––– msg01 db $01,$80,’*NITRON & MPAK* ’ db $C0,’Reference Design’,’@’ msg01a db $01,$80,’Water Level & ’ db $C0,’Flow v2.0’,’@’ msg01b db $01,$80,’1:Level/Flow ’ db $C0,’2:A/D sys demo’,’@’ msg01c db $01,$80,’1:Level/Flow ’ db $C0,’2:A/D sys demo’,’@’ msg05 db $01,$80,’* Calibration! *’ db $C0,’Curr lo/hi:’,’@’ msg05a db $01,$80,’1st point: 0mm’ db $C0,’SEL:cal ENT:quit’,’@’ msg05b db $01,$80,’Calibrating... ’ db $C0,’ 0mm: ’,’@’ msg05c db $01,$80,’2nd point: 160mm’ db $C0,’ENT:continue ’,’@’ msg05d db $01,$80,’Calibrating... ’ db $C0,’ 160mm: ’,’@’ msg05e db $01,$80,’INVALID ’ db $C0,’CALIBRATION! ’,’@’ msg02a db $C8,’ EMPTY’,’@’ msg02b db $C8,’ FULL’,’@’ msg02c db $C8,’ steady’,’@’ msg02d db $C8,’ filling’,’@’ msg02e db $C8,’emptying’,’@’ menupos db $80,$C0 end References 1) Baum, Jeff, “Frequency Output Conversion for MPX2000 Series Pressure Sensors,” Motorola Application Note AN1316/D. 2) Hamelain, JC, “Liquid Level Control Using a Motorola Pressure Sensor,” Motorola Application Note AN1516/D. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |