| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPXM2010GS bảng dữ liệu(PDF) 365 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS bảng dữ liệu(HTML) 365 Page - Motorola, Inc |
|
365 / 670 page ![]() 3–219 Motorola Sensor Device Data www.motorola.com/semiconductors AN1305 An Evaluation System for Direct Interface of the MPX5100 Pressure Sensor with a Microprocessor Prepared by: Bill Lucas Discrete Applications Engineering INTRODUCTION Interfacing pressure sensors to analog–to–digital converters or microprocessors with on–chip A/D converters has been a challenge that most engineers do not enjoy accepting. Recent design advances in pressure sensing technology have allowed the engineer to directly interface a pressure sensor to an A/D converter with no additional active components. This has been made possible by integrating a temperature compensated pressure sensor element and active linear circuitry on the same die. A description of an evaluation board that shows the ease of interfacing a signal conditioned pressure sensor to an A/D converter is presented here. Figure 1. DEVB–114 MPX5100 Evaluation Module (Board No Longer Available) MOTOROLA SEMICONDUCTOR APPLICATION NOTE REV 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |