công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1510 bảng dữ liệu(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1510
Giải thích chi tiết về linh kiện  PC CARD CONTROLLERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1510 bảng dữ liệu(HTML) 101 Page - Texas Instruments

Back Button PCI1510 Datasheet HTML 97Page - Texas Instruments PCI1510 Datasheet HTML 98Page - Texas Instruments PCI1510 Datasheet HTML 99Page - Texas Instruments PCI1510 Datasheet HTML 100Page - Texas Instruments PCI1510 Datasheet HTML 101Page - Texas Instruments PCI1510 Datasheet HTML 102Page - Texas Instruments PCI1510 Datasheet HTML 103Page - Texas Instruments PCI1510 Datasheet HTML 104Page - Texas Instruments PCI1510 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
5−11
5.7
ExCA Address Window Enable Register
The ExCA address window enable register enables/disables the memory and I/O windows to the 16-bit PC Card. By
default, all windows to the card are disabled. The controller does not acknowledge PCI memory or I/O cycles to the
card if the corresponding enable bit in this register is 0b, regardless of the programming of the memory or I/O window
start/end/offset address registers. See Table 5−9 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Default
0
0
0
0
0
0
0
0
Register:
ExCA address window enable
Offset:
CardBus socket address + 806h; ExCA offset 06h
Type:
Read-only, Read/Write
Default:
00h
Table 5−9. ExCA Address Window Enable Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
IOWIN1EN
RW
I/O window 1 enable. Bit 7 enables/disables I/O window 1 for the PC Card. This bit is encoded as:
0 = I/O window 1 disabled (default)
1 = I/O window 1 enabled
6
IOWIN0EN
RW
I/O window 0 enable. Bit 6 enables/disables I/O window 0 for the PC Card. This bit is encoded as:
0 = I/O window 0 disabled (default)
1 = I/O window 0 enabled
5
RSVD
R
Reserved. Bit 5 returns 0b when read.
4
MEMWIN4EN
RW
Memory window 4 enable. Bit 4 enables/disables memory window 4 for the PC Card. This bit is
encoded as:
0 = Memory window 4 disabled (default)
1 = Memory window 4 enabled
3
MEMWIN3EN
RW
Memory window 3 enable. Bit 3 enables/disables memory window 3 for the PC Card. This bit is
encoded as:
0 = Memory window 3 disabled (default)
1 = Memory window 3 enabled
2
MEMWIN2EN
RW
Memory window 2 enable. Bit 2 enables/disables memory window 2 for the PC Card. This bit is
encoded as:
0 = Memory window 2 disabled (default)
1 = Memory window 2 enabled
1
MEMWIN1EN
RW
Memory window 1 enable. Bit 1 enables/disables memory window 1 for the PC Card. This bit is
encoded as:
0 = Memory window 1 disabled (default)
1 = Memory window 1 enabled
0
MEMWIN0EN
RW
Memory window 0 enable. Bit 0 enables/disables memory window 0 for the PC Card. This bit is
encoded as:
0 = Memory window 0 disabled (default)
1 = Memory window 0 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com