| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104FED bảng dữ liệu(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FED bảng dữ liệu(HTML) 169 Page - Renesas Technology Corp |
|
169 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 169 of 208 Aug 12, 2016 CSI mode connection diagram (during communication at different potential Remark 5. Rb[ Ω]: Communication line (SCKp, SOp) pull-up resistance, Cb[F]: Communication line (SCKp, SOp) load capacitance, Vb[V]: Communication line voltage Remark 6. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0, 1, 3 to 5, 14) Remark 7. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00)) Remark 8. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. SCKp SOp User’s device SCK SI SIp SO Vb Rb <Master> Vb Rb RL78 microcontroller |