| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F104FKA bảng dữ liệu(PDF) 170 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104FKA bảng dữ liệu(HTML) 170 Page - Renesas Technology Corp |
|
170 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 170 of 208 Aug 12, 2016 CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (master mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark 1. p: CSI number (p = 00, 01, 10, 20, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0, 1, 3 to 5, 14) Remark 2. CSI01 of 48-, 52-, 64-pin products, and CSI11 and CSI21 cannot communicate at different potential. Use other CSI for communication at different potential. Input data SIp SOp tKCY1 tKL1 tKH1 tSIK1 tKSI1 tKSO1 Output data SCKp Input data Output data SIp SOp SCKp tKCY1 tKH1 tKL1 tSIK1 tKSI1 tKSO1 |