| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F1007E bảng dữ liệu(PDF) 149 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F1007E bảng dữ liệu(HTML) 149 Page - Renesas Technology Corp |
|
149 / 202 page ![]() RL78/G13 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 C) Page 149 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) SIp Input data Output data SOp tKCY1, 2 tKL1, 2 tKH1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 SCKp CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) SIp Input data Output data SOp tKCY1, 2 tKH1, 2 tKL1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 SCKp Remarks 1. p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31) 2. m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13) |