| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F100GD bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GD bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp |
|
108 / 202 page ![]() RL78/G13 2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85 C) Page 108 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 Simplified I 2C mode connection diagram (during communication at different potential) SDAr SCLr SDA SCL User device Vb Rb Vb Rb RL78 microcontroller Simplified I 2C mode serial transfer timing (during communication at different potential) SDAr tLOW tHIGH tHD:DAT SCLr tSU:DAT 1/fSCL Remarks 1. Rb[ ]:Communication line (SDAr, SCLr) pull-up resistance, Cb[F]: Communication line (SDAr, SCLr) load capacitance, Vb[V]: Communication line voltage 2. r: IIC number (r = 00, 01, 10, 20, 30, 31), g: PIM, POM number (g = 0, 1, 4, 5, 8, 14) 3. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00, 01, 02, 10, 12, 13) |