công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F100GC bảng dữ liệu(PDF) 168 Page - Renesas Technology Corp

tên linh kiện R5F100GC
Giải thích chi tiết về linh kiện  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100GC bảng dữ liệu(HTML) 168 Page - Renesas Technology Corp

Back Button R5F100GC Datasheet HTML 164Page - Renesas Technology Corp R5F100GC Datasheet HTML 165Page - Renesas Technology Corp R5F100GC Datasheet HTML 166Page - Renesas Technology Corp R5F100GC Datasheet HTML 167Page - Renesas Technology Corp R5F100GC Datasheet HTML 168Page - Renesas Technology Corp R5F100GC Datasheet HTML 169Page - Renesas Technology Corp R5F100GC Datasheet HTML 170Page - Renesas Technology Corp R5F100GC Datasheet HTML 171Page - Renesas Technology Corp R5F100GC Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 168 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3.6 Analog Characteristics
3.6.1 A/D converter characteristics
Classification of A/D converter characteristics
Reference Voltage
Input channel
Reference voltage (+) = AVREFP
Reference voltage (
) = AVREFM
Reference voltage (+) = VDD
Reference voltage (
) = VSS
Reference voltage (+) = VBGR
Reference voltage (
) = AVREFM
ANI0 to ANI14
Refer to 3.6.1 (1).
ANI16 to ANI26
Refer to 3.6.1 (2).
Refer to 3.6.1 (4).
Internal reference voltage
Temperature sensor output
voltage
Refer to 3.6.1 (1).
Refer to 3.6.1 (3).
(1) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
) =
AVREFM/ANI1 (ADREFM = 1), target pin : ANI2 to ANI14, internal reference voltage, and temperature
sensor output voltage
(TA =
40 to +105C, 2.4 V  AVREFP  VDD  5.5 V, VSS = 0 V, Reference voltage (+) = AVREFP, Reference
voltage (
) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall error
Note 1
AINL
10-bit resolution
AVREFP = VDD
Note 3
2.4 V
 AVREFP  5.5 V
1.2
3.5
LSB
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
10-bit resolution
Target pin: ANI2 to ANI14
2.4 V
 VDD  5.5 V
17
39
s
3.6 V
 VDD  5.5 V
2.375
39
s
2.7 V
 VDD  5.5 V
3.5625
39
s
Conversion time
tCONV
10-bit resolution
Target pin: Internal reference
voltage, and temperature
sensor output voltage (HS
(high-speed main) mode)
2.4 V
 VDD  5.5 V
17
39
s
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
Note 3
2.4 V
 AVREFP  5.5
V
0.25
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
Note 3
2.4 V
 AVREFP  5.5
V
0.25
%FSR
Integral linearity error
Note 1
ILE
10-bit resolution
AVREFP = VDD
Note 3
2.4 V
 AVREFP  5.5
V
2.5
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
AVREFP = VDD
Note 3
2.4 V
 AVREFP  5.5
V
1.5
LSB
ANI2 to ANI14
0
AVREFP
V
Internal reference voltage output
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VBGR
Note 4
V
Analog input voltage
VAIN
Temperature sensor output voltage
(2.4 V
 VDD  5.5 V, HS (high-speed main) mode)
VTMPS25
Note 4
V
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com