| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT69F360 bảng dữ liệu(PDF) 235 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F360 bảng dữ liệu(HTML) 235 Page - Holtek Semiconductor Inc |
|
235 / 235 page ![]() Rev. 1.30 �34 �ove��e� 1�� �01� Rev. 1.30 �35 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM Copy�ight© �01� �y HOLTEK SEMICO�DUCTOR I�C. The info��ation appea�ing in this Data Sheet is �elieved to �e accu�ate at the ti�e of pu�lication. Howeve�� Holtek assu�es no �esponsi�ility a�ising f�o� the use of the specifications described. The applications mentioned herein are used solely fo� the pu�pose of illust�ation and Holtek �akes no wa��anty o� �ep�esentation that such applications will �e suita�le without fu�the� �odification� no� �eco��ends the use of its p�oducts fo� application that �ay p�esent a �isk to hu�an life due to �alfunction o� othe�wise. Holtek's p�oducts a�e not autho�ized fo� use as c�itical co�ponents in life suppo�t devices o� syste�s. Holtek �ese�ves the �ight to alte� its products without prior notification. For the most up-to-date information, please visit ou� we� site at http://www.holtek.co�. |