| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT69F340 bảng dữ liệu(PDF) 215 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F340 bảng dữ liệu(HTML) 215 Page - Holtek Semiconductor Inc |
|
215 / 235 page ![]() Rev. 1.30 �14 �ove��e� 1�� �01� Rev. 1.30 �15 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM Instruction Definition ADC A,[m] AddDataMemorytoACCwithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m]+C Affectedflag(s) OV,Z,AC,C,SC ADCM A,[m] AddACCtoDataMemorywithCarry Description ThecontentsofthespecifiedDataMemory,Accumulatorandthecarryflagareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m]+C Affectedflag(s) OV,Z,AC,C,SC ADD A,[m] AddDataMemorytoACC Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+[m] Affectedflag(s) OV,Z,AC,C,SC ADD A,x AddimmediatedatatoACC Description ThecontentsoftheAccumulatorandthespecifiedimmediatedataareadded. TheresultisstoredintheAccumulator. Operation ACC←ACC+x Affectedflag(s) OV,Z,AC,C,SC ADDM A,[m] AddACCtoDataMemory Description ThecontentsofthespecifiedDataMemoryandtheAccumulatorareadded. TheresultisstoredinthespecifiedDataMemory. Operation [m]←ACC+[m] Affectedflag(s) OV,Z,AC,C,SC AND A,[m] LogicalANDDataMemorytoACC Description DataintheAccumulatorandthespecifiedDataMemoryperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″[m] Affectedflag(s) Z AND A,x LogicalANDimmediatedatatoACC Description DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalAND operation.TheresultisstoredintheAccumulator. Operation ACC←ACC″AND″x Affectedflag(s) Z ANDM A,[m] LogicalANDACCtoDataMemory Description DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalAND operation.TheresultisstoredintheDataMemory. Operation [m]←ACC″AND″[m] Affectedflag(s) Z |