| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT69F340 bảng dữ liệu(PDF) 172 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT69F340 bảng dữ liệu(HTML) 172 Page - Holtek Semiconductor Inc |
|
172 / 235 page ![]() Rev. 1.30 17� �ove��e� 1�� �01� Rev. 1.30 173 �ove��e� 1�� �01� HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM HT69F340/HT69F350/HT69F360 TinyPowerTM I/O Flash MCU with LCD & EEPROM UART Setup and Control Fordatatransfer,theUARTfunctionutilizesanon-return-to-zero,morecommonlyknownasNRZ, format.Thisiscomposedofonestartbit,eightorninedatabits,andoneortwostopbits.Parity issupportedbytheUARThardware,andcanbesetuptobeeven,oddornoparity.Forthemost commondataformat,8databitsalongwithnoparityandonestopbit,denotedas8,N,1,isused asthedefaultsetting,whichisthesettingatpower-on.Thenumberofdatabitsandstopbits,along withtheparity,aresetupbyprogrammingthecorrespondingBNO,PRT,PREN,andSTOPSbits intheUCR1register.Thebaudrateusedtotransmitandreceivedataissetupusingtheinternal 8-bitbaudrategenerator,whilethedataistransmittedandreceivedLSBfirst.AlthoughtheUART transmitterandreceiverarefunctionallyindependent,theybothusethesamedataformatandbaud rate.Inallcasesstopbitswillbeusedfordatatransmission. Enabling/disabling the UART Thebasicon/offfunctionoftheinternalUARTfunctioniscontrolledusingtheUARTENbitinthe UCR1register.IftheUARTEN,TXENandRXENbitsareset,thenthesetwoUARTpinswillact asnormalTXoutputpinandRXinputpinrespectively.IfnodataisbeingtransmittedontheTX pin,thenitwilldefaulttoalogichighvalue. ClearingtheUARTENbitwilldisabletheTXandRXpinsandallowthesetwopinstobeusedas normalI/Oorotherpin-sharedfunctionalpins.WhentheUARTfunctionisdisabledthebufferwill beresettoanemptycondition,atthesametimediscardinganyremainingresidualdata.Disabling theUARTwillalsoresettheerrorandstatusflagswithbitsTXEN,RXEN,TXBRK,RXIF,OERR, FERR,PERRandNFbeingclearedwhilebitsTIDLE,TXIFandRIDLEwillbeset.Theremaining controlbitsintheUCR1,UCR2andBRGregisterswillremainunaffected.IftheUARTENbitin theUCR1registerisclearedwhiletheUARTisactive,thenallpendingtransmissionsandreceptions willbeimmediatelysuspendedandtheUARTwillberesettoaconditionasdefinedabove.Ifthe UARTisthensubsequentlyre-enabled,itwillrestartagaininthesameconfiguration. Data, parity and stop bit selection Theformatofthedatatobetransferrediscomposedofvariousfactorssuchasdatabitlength, parityon/off,paritytype,addressbitsandthenumberofstopbits.Thesefactorsaredeterminedby thesetupofvariousbitswithintheUCR1register.TheBNObitcontrolsthenumberofdatabits whichcanbesettoeither8or9,thePRTbitcontrolsthechoiceofoddorevenparity,thePREN bitcontrolstheparityon/offfunctionandtheSTOPSbitdecideswhetheroneortwostopbitsareto beused.Thefollowingtableshowsvariousformatsfordatatransmission.Theaddressbitidentifies theframeasanaddresscharacter.Thenumberofstopbits,whichcanbeeitheroneortwo,is independentofthedatalength. Start Bit Data Bits Address Bits Parity Bits Stop Bit Example of 8-bit Data Formats 1 � 0 0 1 1 7 0 1 1 1 7 1 0 1 Example of 9-bit Data Formats 1 9 0 0 1 1 � 0 1 1 1 � 1 0 1 Transmitter Receiver Data Format |