| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F65 bảng dữ liệu(PDF) 196 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F65 bảng dữ liệu(HTML) 196 Page - Holtek Semiconductor Inc |
|
196 / 231 page ![]() Rev. 1.60 196 �ove��e� ��� �01� Rev. 1.60 197 �ove��e� ��� �01� HT45F65/HT45F66/HT45F67 Glucose Meter 8-Bit Flash MCU UART Setup and Control Fordatatransfer,theUARTfunctionutilizesanon-return-to-zero,morecommonlyknownasNRZ, format.Thisiscomposedofonestartbit,eightorninedatabitsandoneortwostopbits.Parity issupportedbytheUARThardwareandcanbesetuptobeeven,oddornoparity.Forthemost commondataformat,8databitsalongwithnoparityandonestopbit,denotedas8,N,1,isused asthedefaultsetting,whichisthesettingatpower-on.Thenumberofdatabitsandstopbits,along withtheparity,aresetupbyprogrammingthecorrespondingBNO,PRT,PRENandSTOPSbitsin theUCR1register.Thebaudrateusedtotransmitandreceivedataissetupusingtheinternal8-bit baudrategenerator,whilethedataistransmittedandreceivedLSBfirst.Althoughthetransmitter andreceiveroftheUARTarefunctionallyindependent,theybothusethesamedataformatandbaud rate.Inallcasesstopbitswillbeusedfordatatransmission. Enabling/Disabling the UART Interface Thebasicon/offfunctionoftheinternalUARTfunctioniscontrolledusingtheUARTENbitinthe UCR1register.IftheUARTEN,TXENandRXENbitsareset,thenthesetwoUARTpinswillact asnormalTXoutputpinandRXinputpinrespectively.IfnodataisbeingtransmittedontheTX pin,thenitwilldefaulttoalogichighvalue. ClearingtheUARTENbitwilldisabletheTXandRXpinsandthesetwopinswillbeusedasan I/Oorotherpin-sharedfunctionalpin.WhentheUARTfunctionisdisabled,thebufferwillbe resettoanemptycondition,atthesametimediscardinganyremainingresidualdata.Disablingthe UARTwillalsoresettheenablecontrol,theerrorandstatusflagswithbitsTXEN,RXEN,TXBRK, RXIF,OERR,FERR,PERRandNFbeingclearedwhilebitsTIDLE,TXIFandRIDLEwillbe set.TheremainingcontrolbitsintheUCR1,UCR2andBRGregisterswillremainunaffected. IftheUARTENbitintheUCR1registerisclearedwhiletheUARTisactive,thenallpending transmissionsandreceptionswillbeimmediatelysuspendedandtheUARTwillberesettoa conditionasdefinedabove.IftheUARTisthensubsequentlyre-enabled,itwillrestartagaininthe sameconfiguration. Data, Parity and Stop Bit Selection Theformatofthedatatobetransferrediscomposedofvariousfactorssuchasdatabitlength, parityon/off,paritytype,addressbitsandthenumberofstopbits.Thesefactorsaredeterminedby thesetupofvariousbitswithintheUCR1register.TheBNObitcontrolsthenumberofdatabits whichcanbesettoeither8or9.ThePRTbitcontrolsthechoiceifoddorevenparity.ThePREN bitcontrolstheparityon/offfunction.TheSTOPSbitdecideswhetheroneortwostopbitsareto beused.Thefollowingtableshowsvariousformatsfordatatransmission.Theaddressdetectmode controlbitidentifiestheframeasanaddresscharacter.Thenumberofstopbits,whichcanbeeither oneortwo,isindependentofthedatalength. Start Bit Data Bits Address Bits Parity Bits Stop Bit Example of 8-bit Data Formats 1 8 0 0 1 1 7 0 1 1 1 7 1 1 1 Example of 8-bit Data Formats 1 9 0 0 1 1 8 0 1 1 1 8 1 0 1 Trams,otter Receiver Data Format |