| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT45F65 bảng dữ liệu(PDF) 119 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F65 bảng dữ liệu(HTML) 119 Page - Holtek Semiconductor Inc |
|
119 / 231 page ![]() Rev. 1.60 118 �ove��e� ��� �01� Rev. 1.60 119 �ove��e� ��� �01� HT45F65/HT45F66/HT45F67 Glucose Meter 8-Bit Flash MCU Enhanced Type TM – ETM (HT45F66/HT45F67) TheEnhancedTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/ EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheEnhancedTMcan alsobecontrolledwithanexternalinputpinandcandrivethreeorfourexternaloutputpins. Device Name TM No. TM Input Pin TM Output Pin HT��F66/HT��F67 10-�it ETM 1 TCK1 TP1A� TP1B_0� TP1B_1� TP1B_� Enhanced TM Operation Atitscoreisa10-bitcount-up/count-downcounterwhichisdrivenbyauserselectableinternal orexternalclocksource.Therearethreeinternalcomparatorswiththenames,ComparatorA, ComparatorBandComparatorP.Thesecomparatorswillcomparethevalueinthecounterwiththe CCRA,CCRBandCCRPregisters.TheCCRPcomparatoris3-bitswidewhosevalueiscompared withthehighest3-bitsinthecounterwhileCCRAandCCRBare10-bitswideandtherefore comparedwithallcounterbits. Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators. Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheEnhanced TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock sourcesincludinganinputpinandcanalsocontroloutputpins.Alloperatingsetupconditionsare selectedusingrelevantinternalregisters. CCRP CCRA Tn CC LR Co mp ar at or P M at ch Co mp ar at or A Ma tc h Tn CK 2~ Tn CK 0 Tn ON Tn PAU b7 ~b 9 3- bi t Co m par at or P 10 -b it Co mp ar at or A Co unt er Cl ea r 10 -b it Up /D ow n Co unt er Tn PF I nt e rru pt Tn AF In te rru pt TP nA P in I npu t/ Ou tp u t b0 ~b 9 E dge De te ct or Tn AI O1 , Tn AI O0 Tn AM 1, T nA M0 Tn AI O1 , Tn AI O0 Tn APO L Tn AO C Po la ri ty Co nt ro l Ou tp u t Co nt ro l TP nA TC Kn 11 1 00 0 00 1 01 0 01 1 10 0 10 1 11 0 f SYS /4 f SYS f H /1 6 f H /6 4 f TB C Re se rv ed Tn BF In te rru pt TP nB P in I npu t/ Ou tp u t Tn BM 1, T nB M0 Tn BI O1 , Tn BI O0 Tn BPO L Tn BO C Po la ri ty Co nt ro l Ou tp u t Co nt ro l CCRB Co mp ar at or B Ma tc h 10 -b it Co mp ar at or B E dge De te ct or Tn IO 1, T nI O0 TP nB _0 TP nB _1 TP nB _2 0 1 Enhanced Type TM Block Diagram (n=1) |