công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P4802ACMC bảng dữ liệu(PDF) 112 Page - Teccor Electronics

tên linh kiện P4802ACMC
Giải thích chi tiết về linh kiện  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TECCOR [Teccor Electronics]
Trang chủ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC bảng dữ liệu(HTML) 112 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 108Page - Teccor Electronics P4802ACMC Datasheet HTML 109Page - Teccor Electronics P4802ACMC Datasheet HTML 110Page - Teccor Electronics P4802ACMC Datasheet HTML 111Page - Teccor Electronics P4802ACMC Datasheet HTML 112Page - Teccor Electronics P4802ACMC Datasheet HTML 113Page - Teccor Electronics P4802ACMC Datasheet HTML 114Page - Teccor Electronics P4802ACMC Datasheet HTML 115Page - Teccor Electronics P4802ACMC Datasheet HTML 116Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 212 page
background image
Analog Line Cards
http://www.teccor.com
3 - 24
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Figure 3.29 shows two negative Battrax discrete parts and two positive Battrax discrete
parts. This arrangement is required for SLIC applications using both the positive and
negative ringing signals. Figure 3.30 shows a similar application but with the two negative
Battrax discrete parts and two positive Battrax discrete parts integrated into a single surface
mount package.
Figure 3.29 SLIC Protection with discrete positive and negative Battrax Devices
Figure 3.30 SLIC Protection with a Battrax Dual Positive/Negative device
F1250T
F1250T
SLIC
0.1 µF
Tip
Ring
+V
REF
+V
REF
-V
REF
-V
REF
B2050C_
0.1 µF
B1xx0C_
B2050C_
B1xx0C_
F1250T
F1250T
SLIC
0.1 µF
Tip
Ring
+V
REF
+V
REF
-V
REF
-V
REF
B3104UC
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More