công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P4802ACMC bảng dữ liệu(PDF) 101 Page - Teccor Electronics

tên linh kiện P4802ACMC
Giải thích chi tiết về linh kiện  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TECCOR [Teccor Electronics]
Trang chủ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC bảng dữ liệu(HTML) 101 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 97Page - Teccor Electronics P4802ACMC Datasheet HTML 98Page - Teccor Electronics P4802ACMC Datasheet HTML 99Page - Teccor Electronics P4802ACMC Datasheet HTML 100Page - Teccor Electronics P4802ACMC Datasheet HTML 101Page - Teccor Electronics P4802ACMC Datasheet HTML 102Page - Teccor Electronics P4802ACMC Datasheet HTML 103Page - Teccor Electronics P4802ACMC Datasheet HTML 104Page - Teccor Electronics P4802ACMC Datasheet HTML 105Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 212 page
background image
High Speed Transmission Equipment
© 2002 Teccor Electronics
3 - 13
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 3.15 Pair Gain RT Protection
Component Selection
The “SC MC” SIDACtor device and F1250T TeleLink fuse were chosen because both
components meet GR 1089 surge immunity requirements without the use of additional
series resistance. An MC is chosen to reduce degradation of data rates. The voltage rating
of the P1800SC MC was selected to ensure coordination with loop powering up to 150 V.
The voltage rating of the P3100SC MC was selected to ensure coordination with POTS
ringing and battery voltages.
Tip
Ring
P3100SC MC
U-Interface
F1250T
P3100SC MC
F1250T
F1250T
CPE
P3100SC MC
Line 1
Line 2
CPE Interface
Remote Terminal Interface
Ring Detect
Ring Trip
Ring Forward
Off-Hook
Detection
Power
Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More