| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F779AGK7 bảng dữ liệu(PDF) 196 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F779AGK7 bảng dữ liệu(HTML) 196 Page - STMicroelectronics |
|
196 / 255 page ![]() Electrical characteristics STM32F777xx STM32F778Ax STM32F779xx 196/255 DocID028294 Rev 4 Refer to Section 5.3.20: I/O port characteristics for more details on the input/output characteristics. Asynchronous waveforms and timings Figure 61 through Figure 64 represent asynchronous waveforms and Table 100 through Table 107 provide the corresponding timings. The results shown in these tables are obtained with the following FMC configuration: • AddressSetupTime = 0x1 • AddressHoldTime = 0x1 • DataSetupTime = 0x1 (except for asynchronous NWAIT mode , DataSetupTime = 0x5) • BusTurnAroundDuration = 0x0 • Capcitive load CL = 30 pF In all timing tables, the THCLK is the HCLK clock period Figure 61. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms 1. Mode 2/B, C and D only. In Mode 1, FMC_NADV is not used. |