| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L15xRC bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L15xRC bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 136 page ![]() DocID022799 Rev 12 101/136 STM32L151xC STM32L152xC Electrical characteristics 109 Figure 28. ADC accuracy characteristics Figure 29. Typical connection diagram using the ADC 1. Refer to Table 58: Maximum source impedance RAIN max for the value of RAIN and Table 56: ADC characteristics for the value of CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. |