| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561AR4-Auto bảng dữ liệu(PDF) 209 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR4-Auto bảng dữ liệu(HTML) 209 Page - STMicroelectronics |
|
209 / 324 page ![]() ST72561-Auto LINSCI serial communication interface (LIN master only) Doc ID 12370 Rev 8 209/324 16.8.2 Control register 1 (SCICR1) Read/ write Reset value: x000 0000 (x0h) Bit 7 = R8 Receive data bit 8. This bit is used to store the 9th bit of the received word when M = 1. Bit 6 = T8 Transmit data bit 8. This bit is used to store the 9th bit of the transmitted word when M = 1. Bit 5 = SCID Disabled for low power consumption When this bit is set the SCI prescalers and outputs are stopped and the end of the current byte transfer in order to reduce power consumption.This bit is set and cleared by software. 0: SCI enabled 1: SCI prescaler and outputs disabled Bit 4 = M Word length. This bit determines the word length. It is set or cleared by software. 0: 1 start bit, 8 data bits, 1 stop bit 1: 1 start bit, 9 data bits, 1 stop bit Note: The M bit must not be modified during a data transfer (both transmission and reception). Bit 3 = WAKE Wake-Up method. This bit determines the SCI Wake-Up method, it is set or cleared by software. 0: idle line 1: address mark Bit 2 = PCE Parity control enable. This bit selects the hardware parity control (generation and detection). When the parity control is enabled, the computed parity is inserted at the MSB position (9th bit if M = 1; 8th bit if M = 0) and parity is checked on the received data. This bit is set and cleared by software. Once it is set, PCE is active after the current byte (in reception and in transmission). 0: parity control disabled 1: parity control enabled Bit 1 = PS Parity selection. This bit selects the odd or even parity when the parity generation/detection is enabled (PCE bit set). It is set and cleared by software. The parity is selected after the current byte. 0: even parity 1: odd parity Bit 0 = PIE Parity interrupt enable. This bit enables the interrupt capability of the hardware parity control when a parity error is detected (PE bit set). It is set and cleared by software. 0: parity error interrupt disabled 1: parity error interrupt enabled 7 0 R8 T8 SCID M WAKE PCE PS PIE |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |