| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561AR4-Auto bảng dữ liệu(PDF) 138 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561AR4-Auto bảng dữ liệu(HTML) 138 Page - STMicroelectronics |
|
138 / 324 page ![]() 8-bit timer (TIM8) ST72561-Auto 138/324 Doc ID 12370 Rev 8 set and IC2R can be loaded) but the user must take care that the counter is reset each period and ICF1 can also generates interrupt if ICIE is set. 4 When the Pulse Width Modulation (PWM) and One Pulse Mode (OPM) bits are both set, the PWM mode is the only active one. 13.4 Low power modes 13.5 Interrupts Note: The 8-bit Timer interrupt events are connected to the same interrupt vector (see Interrupts chapter). These events generate an interrupt if the corresponding Enable Control Bit is set and the interrupt mask in the CC register is reset (RIM instruction). Table 52. Effect of low power modes on TIM8 Mode Description WAIT No effect on 8-bit Timer. Timer interrupts cause the device to exit from WAIT mode. HALT 8-bit Timer registers are frozen. In HALT mode, the counter stops counting until Halt mode is exited. Counting resumes from the previous count when the MCU is woken up by an interrupt with “exit from HALT mode” capability or from the counter reset value when the MCU is woken up by a RESET. If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is armed. Consequently, when the MCU is woken up by an interrupt with “exit from HALT mode” capability, the ICFi bit is set, and the counter value present when exiting from HALT mode is captured into the ICiR register. Table 53. TIM8 interrupt control and wake-up capability Interrupt event Event flag Enable control bit Exit from wait Exit from halt Input Capture 1 event/Counter reset in PWM mode ICF1 ICIE Yes No Input Capture 2 event ICF2 Output Compare 1 event (not available in PWM mode) OCF1 OCIE Output Compare 2 event (not available in PWM mode) OCF2 Timer Overflow event TOF TOIE |