| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561R6-Auto bảng dữ liệu(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561R6-Auto bảng dữ liệu(HTML) 122 Page - STMicroelectronics |
|
122 / 324 page ![]() 16-bit timer ST72561-Auto 122/324 Doc ID 12370 Rev 8 12.7.5 Input capture 1 low register (IC1LR) Read only Reset value: Undefined This is an 8-bit read only register that contains the low part of the counter value (transferred by the input capture 1 event). 12.7.6 Output compare 1 high register (OC1HR) Read/ write Reset value: 1000 0000 (80h) This is an 8-bit register that contains the high part of the value to be compared to the CHR register. 12.7.7 Output compare 1 low register (OC1LR) Read/ write Reset value: 0000 0000 (00h) This is an 8-bit register that contains the low part of the value to be compared to the CLR register. 12.7.8 Output compare 2 high register (OC2HR) Read/ write Reset value: 1000 0000 (80h) This is an 8-bit register that contains the high part of the value to be compared to the CHR register. 7 0 MSB LSB 7 0 MSB LSB 7 0 MSB LSB 7 0 MSB LSB |