| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72361AR7-Auto bảng dữ liệu(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR7-Auto bảng dữ liệu(HTML) 150 Page - STMicroelectronics |
|
150 / 279 page ![]() Serial peripheral interface (SPI) ST72361xx-Auto 150/279 Doc ID 12468 Rev 3 Figure 75. Clearing the WCOL bit (write collision flag) software sequence Single master and multimaster configurations There are two types of SPI systems: ● Single Master System ● Multimaster System Single master system A typical single master system may be configured using a device as the master and four devices as slaves (see Figure 76). The master device selects the individual slave devices by using four pins of a parallel port to control the four SS pins of the slave devices. The SS pins are pulled high during reset since the master device ports will be forced to be inputs at that time, thus disabling the slave devices. Note: To prevent a bus conflict on the MISO line, the master allows only one active slave device during a transmission. For more security, the slave device may respond to the master with the received data byte. Then the master will receive the previous byte back from the slave device if all MISO and MOSI pins are connected and the slave has not written to its SPIDR register. Other transmission security methods can use ports for handshake lines or data bytes with command fields. Multimaster system A multimaster system may also be configured by the user. Transfer of master control could be implemented using a handshake method through the I/O ports or by an exchange of code messages through the serial peripheral interface system. The multimaster system is principally handled by the MSTR bit in the SPICR register and the MODF bit in the SPICSR register. Clearing sequence after SPIF = 1 (end of a data byte transfer) 1st Step Read SPICSR Read SPIDR 2nd Step SPIF = 0 WCOL = 0 Clearing sequence before SPIF = 1 (during a data byte transfer) 1st Step 2nd Step WCOL = 0 Read SPICSR Read SPIDR Note: Writing to the SPIDR register instead of reading it does not reset the WCOL bit RESULT RESULT |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |