| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72361AR7-Auto bảng dữ liệu(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR7-Auto bảng dữ liệu(HTML) 129 Page - STMicroelectronics |
|
129 / 279 page ![]() ST72361xx-Auto 8-bit timer (TIM8) Doc ID 12468 Rev 3 129/279 Moreover if one of the ICAPi pins is configured as an input and the second one as an output, an interrupt can be generated if the user toggles the output pin and if the ICIE bit is set. 6 The TOF bit can be used with interrupt generation in order to measure events that go beyond the timer range (FFh). Figure 63. Input capture block diagram Figure 64. Input capture timing diagram 13.3.3 Output compare In this section, the index, i, may be 1 or 2 because there are two output compare functions in the 8-bit timer. This function can be used to control an output waveform or indicate when a period of time has elapsed. When a match is found between the Output Compare register and the free running counter, the output compare function: ● Assigns pins with a programmable value if the OCiE bit is set ● Sets a flag in the status register ● Generates an interrupt if enabled Two 8-bit registers Output Compare Register 1 (OC1R) and Output Compare Register 2 (OC2R) contain the value to be compared to the counter register each timer clock cycle. ICIE CC0 CC1 8-bit FREE RUNNING COUNTER IEDG1 (Control Register 1) CR1 (Control Register 2) CR2 ICF2 ICF1 0 0 0 (Status Register) SR IEDG2 ICAP1 ICAP2 EDGE DETECT CIRCUIT2 8-bit IC1R Register IC2R Register EDGE DETECT CIRCUIT1 pin pin 01 02 03 03 TIMER CLOCK COUNTER REGISTER ICAPi PIN ICAPi FLAG ICAPi REGISTER Note: The rising edge is the active edge . |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |