| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72361AR6-Auto bảng dữ liệu(PDF) 223 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361AR6-Auto bảng dữ liệu(HTML) 223 Page - STMicroelectronics |
|
223 / 279 page ![]() ST72361xx-Auto Instruction set Doc ID 12468 Rev 3 223/279 18.1.7 Relative mode (direct, indirect) This addressing mode is used to modify the PC register value, by adding an 8-bit signed offset to it. The relative addressing mode consists of two submodes: Relative (direct) The offset is following the opcode. Relative (indirect) The offset is defined in memory, which address follows the opcode. 18.2 Instruction groups The ST7 family devices use an instruction set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in the following table: BSET, BRES Bit Operations BTJT, BTJF Bit Test and Jump Operations SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles CALL, JP Call or Jump subroutine Table 89. Instructions supporting direct, indexed, indirect and indirect indexed addressing (part 2) (continued) Short instructions only Function Available relative direct/indirect instructions Function JRxx Conditional Jump CALLR Call Relative Table 90. Instruction groups Description Instruction Load and transfer LD CLR Stack operation PUSH POP RSP Increment/ decrement INC DEC Compare and tests CP TNZ BCP Logical operations AND OR XOR CPL NEG Bit operation BSET BRES Conditional bit test and branch BTJT BTJF Arithmetic operations ADC ADD SUB SBC MUL |