| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561J4-Auto bảng dữ liệu(PDF) 267 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561J4-Auto bảng dữ liệu(HTML) 267 Page - STMicroelectronics |
|
267 / 324 page ![]() ST72561-Auto Instruction set Doc ID 12370 Rev 8 267/324 The pointer address follows the opcode. The indirect addressing mode consists of two submodes: Indirect (short) The pointer address is a byte, the pointer size is a byte, thus allowing 00 - FF addressing space, and requires 1 byte after the opcode. Indirect (long) The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing space, and requires 1 byte after the opcode. 19.1.6 Indirect indexed (short, long) This is a combination of indirect and short indexed addressing modes. The operand is referenced by its memory address, which is defined by the unsigned addition of an index register value (X or Y) with a pointer value located in memory. The pointer address follows the opcode. The indirect indexed addressing mode consists of two submodes: Indirect indexed (short) The pointer address is a byte, the pointer size is a byte, thus allowing 00 - 1FE addressing space, and requires 1 byte after the opcode. Indirect indexed (long) The pointer address is a byte, the pointer size is a word, thus allowing 64 Kbyte addressing space, and requires 1 byte after the opcode. Table 96. Instructions supporting direct, indexed, indirect and indirect indexed addressing (part 1) Long and short instructions Function LD Load CP Compare AND, OR, XOR Logical Operations ADC, ADD, SUB, SBC Arithmetic Additions/Substractions operations BCP Bit Compare Table 97. Instructions supporting direct, indexed, indirect and indirect indexed addressing (part 2) Short instructions only Function CLR Clear INC, DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement |