công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72561J4-Auto bảng dữ liệu(PDF) 131 Page - STMicroelectronics

tên linh kiện ST72561J4-Auto
Giải thích chi tiết về linh kiện  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J4-Auto bảng dữ liệu(HTML) 131 Page - STMicroelectronics

Back Button ST72561J4-Auto Datasheet HTML 127Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 128Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 129Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 130Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 131Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 132Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 133Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 134Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 324 page
background image
ST72561-Auto
8-bit timer (TIM8)
Doc ID 12370 Rev 8
131/324
Moreover if one of the ICAPi pins is configured as an input and the second one as an output,
an interrupt can be generated if the user toggles the output pin and if the ICIE bit is set.
6
The TOF bit can be used with interrupt generation in order to measure events that go
beyond the timer range (FFh).
Figure 63.
Input capture block diagram
Figure 64.
Input capture timing diagram
13.3.3
Output compare
In this section, the index, i, may be 1 or 2 because there are two output compare functions in
the 8-bit timer.
This function can be used to control an output waveform or indicate when a period of time
has elapsed.
When a match is found between the Output Compare register and the free running counter,
the output compare function:
●
Assigns pins with a programmable value if the OCiE bit is set
●
Sets a flag in the status register
●
Generates an interrupt if enabled
Two 8-bit registers Output Compare Register 1 (OC1R) and Output Compare Register 2
(OC2R) contain the value to be compared to the counter register each timer clock cycle.
ICIE
CC0
CC1
8-bit
FREE RUNNING
COUNTER
IEDG1
(Control Register 1) CR1
(Control Register 2) CR2
ICF2
ICF1
0
0
0
(Status Register) SR
IEDG2
ICAP1
ICAP2
EDGE DETECT
CIRCUIT2
8-bit
IC1R Register
IC2R Register
EDGE DETECT
CIRCUIT1
pin
pin
01
02
03
03
TIMER CLOCK
COUNTER REGISTER
ICAPi PIN
ICAPi FLAG
ICAPi REGISTER
Note: The rising edge is the active edge
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More