| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72361J7-Auto bảng dữ liệu(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J7-Auto bảng dữ liệu(HTML) 122 Page - STMicroelectronics |
|
122 / 279 page ![]() 16-bit timer ST72361xx-Auto 122/279 Doc ID 12468 Rev 3 12.7.13 Alternate counter low register (ACLR) Read only Reset value: 1111 1100 (FCh) This is an 8-bit register that contains the low part of the counter value. A write to this register resets the counter. An access to this register after an access to CSR register does not clear the TOF bit in the CSR register. 12.7.14 Input capture 2 high register (IC2HR) Read only Reset value: Undefined This is an 8-bit read only register that contains the high part of the counter value (transferred by the Input Capture 2 event). 12.7.15 Input capture 2 low register (IC2LR) Read only Reset value: Undefined This is an 8-bit read only register that contains the low part of the counter value (transferred by the Input Capture 2 event). 7 0 MSB LSB 7 0 MSB LSB 7 0 MSB LSB Table 51. 16-bit timer register map Address (Hex.) Register name 7 654 321 0 51 CR2 OC1E OC2E OPM PWM CC1 CC0 IEDG2 EXEDG 52 CR1 ICIE OCIE TOIE FOLV2 FOLV1 OLVL2 IEDG1 OLVL1 53 CSR ICF1 OCF1 TOF ICF2 OCF2 TIMD |