| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72561K6-Auto bảng dữ liệu(PDF) 220 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561K6-Auto bảng dữ liệu(HTML) 220 Page - STMicroelectronics |
|
220 / 324 page ![]() beCAN controller (beCAN) ST72561-Auto 220/324 Doc ID 12370 Rev 8 After the SLEEP bit has been cleared, Sleep mode is exited once beCAN has synchronized with the CAN bus, refer to Figure 96. The sleep mode is exited once the SLAK bit has been cleared by hardware. Test mode Test mode can be selected by the SILM and LBKM bits in the CDGR register. These bits must be configured while beCAN is in Initialization mode. Once test mode has been selected, beCAN is started in Normal mode. Silent mode The beCAN can be put in Silent mode by setting the SILM bit in the CDGR register. In Silent mode, the beCAN is able to receive valid data frames and valid remote frames, but it sends only recessive bits on the CAN bus and it cannot start a transmission. If the beCAN has to send a dominant bit (ACK bit, overload flag, active error flag), the bit is rerouted internally so that the CAN core monitors this dominant bit, although the CAN bus may remain in recessive state. Silent mode can be used to analyze the traffic on a CAN bus without affecting it by the transmission of dominant bits (acknowledge bits, error frames). Figure 97. beCAN in silent mode Loop back mode The beCAN can be set in loop back mode by setting the LBKM bit in the CDGR register. In loop back mode, the beCAN treats its own transmitted messages as received messages and stores them (if they pass acceptance filtering) in the FIFO. Figure 98. beCAN in loop back mode This mode is provided for self-test functions. To be independent of external events, the CAN core ignores acknowledge errors (no dominant bit sampled in the acknowledge slot of a data beCAN CANTX CANRX Tx Rx =1 beCAN CANTX CANRX Tx Rx |