| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72104GX bảng dữ liệu(PDF) 131 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104GX bảng dữ liệu(HTML) 131 Page - STMicroelectronics |
|
131 / 141 page ![]() ST72104Gx, ST72215Gx, ST72216Gx, ST72254Gx 131/141 14.2 THERMAL CHARACTERISTICS Notes: 1. The power dissipation is obtained from the formula PD=PINT+PPORT where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation determined by the user. 2. The average chip-junction temperature can be obtained from the formula TJ = TA + PD x RthJA. Symbol Ratings Value Unit RthJA Package thermal resistance (junction to ambient) SDIP32 SO28 60 75 °C/W PD Power dissipation 1) 500 mW TJmax Maximum junction temperature 2) 150 °C |