công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F273Z4 bảng dữ liệu(PDF) 178 Page - STMicroelectronics

tên linh kiện ST10F273Z4
Giải thích chi tiết về linh kiện  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273Z4 bảng dữ liệu(HTML) 178 Page - STMicroelectronics

Back Button ST10F273Z4 Datasheet HTML 174Page - STMicroelectronics ST10F273Z4 Datasheet HTML 175Page - STMicroelectronics ST10F273Z4 Datasheet HTML 176Page - STMicroelectronics ST10F273Z4 Datasheet HTML 177Page - STMicroelectronics ST10F273Z4 Datasheet HTML 178Page - STMicroelectronics ST10F273Z4 Datasheet HTML 179Page - STMicroelectronics ST10F273Z4 Datasheet HTML 180Page - STMicroelectronics ST10F273Z4 Datasheet HTML 181Page - STMicroelectronics ST10F273Z4 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 188 page
background image
Known limitations
ST10F273Z4
178/188
Therefore, to prevent the locking situation from occurring, it is important to make sure that
no task can disable interrupts for a period of time during which 2 injection requests can
occur before a read operation is performed.
Detailed analysis
Channel Injection mode allows to convert a specific analog channel without changing the
current operating mode. It can also be used when the A/D converter is running in continuous
or auto scan mode.
The following main points need to be highlighted:
●
The A/D converter must be in Wait for ADDAT read mode in order for the Channel
Injection mode to operate properly.
●
At the end of the injected conversion the data is available in the alternate result register,
ADDAT2, and a Channel Injection Complete Interrupt request is generated (ADEIR
Flag).
●
If the temporary data register used for ADDAT2 read mode is full, the next conversion
(standard or injected) is suspended. The temporary register then stores the content of
ADDAT (standard conversion) or ADDAT2 (injected conversion).
If the temporary data register used for ADDAT2 read mode is full and a new injection request
occurs, then the new converted value is stored into a temporary data register until the
previous one is read from ADDAT2 register.
To ensure correct operation as soon as ADDAT2 register is read, the last converted value
should be moved from temporary register to ADDAT2 and the ADEINT interrupt should be
generated. This allows the CPU to read the last converted value (see Figure 61).
In real circumstances, as soon as the ADDAT2 register is read, the last converted value is
correctly moved from the temporary register to the ADDAT2, but no ADEINT interrupt
request is sent to the Interrupt controller (see Figure 62). As a consequence the CPU/PEC
does not know that a new converted value is available in the ADDAT2 register. When the
next injection request is issued, the A/D converter fills the temporary register again without
generating any ADEINT interrupt request and the converter is stalled. The A/D converter
stays in the “wait for read ADDAT2 register” condition forever.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com