| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC56EL54x bảng dữ liệu(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x bảng dữ liệu(HTML) 107 Page - STMicroelectronics |
|
107 / 165 page ![]() DocID15457 Rev 12 107/165 SPC56ELx, SPC564Lx Electrical characteristics 164 EME testing was performed and documented according to these standards: [IEC 61967-2 & -4] EMS testing was performed and documented according to these standards: [IEC 62132-2 & -4] Refer SPC56EL60 for detailed information pertaining to the EMC, EME, and EMS testing and results. 3.7 Electrostatic discharge (ESD) characteristics Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each sample according to each pin combination. The sample size depends on the number of supply pins in the device (3 parts × (n + 1) supply pin). This test conforms to the AEC-Q100-002/-003/-011 standard. For more details, refer to the application note Electrostatic Discharge Sensitivity Measurement (AN1181). |