| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV2666FIBZWT bảng dữ liệu(PDF) 227 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2666FIBZWT bảng dữ liệu(HTML) 227 Page - Texas Instruments |
|
227 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 6.18.3 PCI Electrical Data/Timing Texas Instruments (TI) has performed the simulation and system characterization to ensure that the PCI peripheral meets all AC timing specifications as required by the PCI Local Bus Specification Revision 2.3. Therefore, the AC timing specifications are not reproduced here. For more information on the AC timing specifications, see Section 4.2.3, Timing Specification (33-MHz timing) of the PCI Local Bus Specification Revision 2.3. Note: The C6424 PCI peripheral only supports 3.3-V signaling and 33-MHz operation. There is a clock ratio requirement between the system infrastructure clock, SYSCLK2, and the PCI clock, PCICLK. For proper device operation, the SYSCLK2 frequency must be faster than the PCICLK frequency (33 MHz). Copyright © 2007–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 227 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |