| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87338 bảng dữ liệu(PDF) 119 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87338 bảng dữ liệu(HTML) 119 Page - National Semiconductor (TI) |
|
119 / 221 page ![]() 119 www.national.com TABLE 61. VERIFY Command Termination Con- ditions 3.6.23 The VERSION Command The VERSION command returns the version number of the current Floppy Disk Controller (FDC). Command Phase Execution Phase None. Result Phase The result phase byte returns a value of 90 (hex) for an FDC that is compatible with the 82077. Other controllers, i.e., the DP8473 and other NEC765 compatible controllers, return a value of 80 hex (in- valid command). MT EC Sector Count (SC) or End of Track (EOT) Value Termination Status 00 SC should be FF (hex) EOT ≤ Sectors per Sidea a. The number of formatted sectors per side of the disk. No Errors SC should be FF (hex) EOT > Sectors per Side Abnormal Termination 01 SC ≤ Sectors per Side and SC ≤ EOT No Errors SC > Sectors Remaining b or SC > EOT b. The number of formatted sectors left, which can be read, including side 1 of the disk if MT is 1. Abnormal Termination 1 0 SC should be FF (hex) EOT ≤ Sectors per Side No Errors SC should be FF (hex) EOT > Sectors per Side Abnormal Termination 11 SC ≤ Sectors per Side and SC ≤ EOT No Errors SC ≤ (EOT x 2) and EOT ≤ Sectors per Side No Errors SC > (EOT x 2) Abnormal Termination 7654 3210 0001 0000 7654 3210 1001 0000 |