công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87309 bảng dữ liệu(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87309
Giải thích chi tiết về linh kiện  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 bảng dữ liệu(HTML) 127 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 123Page - National Semiconductor (TI) PC87309 Datasheet HTML 124Page - National Semiconductor (TI) PC87309 Datasheet HTML 125Page - National Semiconductor (TI) PC87309 Datasheet HTML 126Page - National Semiconductor (TI) PC87309 Datasheet HTML 127Page - National Semiconductor (TI) PC87309 Datasheet HTML 128Page - National Semiconductor (TI) PC87309 Datasheet HTML 129Page - National Semiconductor (TI) PC87309 Datasheet HTML 130Page - National Semiconductor (TI) PC87309 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
127
www.national.com
0 0 1 1 0
min
31.74
30.30
28.98
27.77
26.66
25.63
max
35.08
37.03
39.21
41.66
44.44
47.61
0 0 1 1 1
min
32.60
31.13
29.78
28.54
27.40
26.34
max
36.00
38.05
40.29
42.81
45.66
48.92
0 1 0 0 0
min
33.57
32.04
30.65
29.37
28.20
27.11
max
37.10
39.16
41.47
44.06
47.00
50.35
0 1 0 0 1
min
34.61
33.04
31.60
30.29
29.08
27.96
max
38.26
40.38
42.76
45.43
48.46
51.92
0 1 0 1 0
min
35.71
34.09
32.60
31.25
30.00
28.84
max
39.47
41.66
44.11
46.87
50.00
53.57
0 1 0 1 1
min
36.85
35.18
33.65
32.25
30.96
29.76
max
40.73
43.00
45.52
48.37
51.60
55.28
0 1 1 0 0
min
38.10
36.36
34.78
33.33
32.00
30.77
max
42.10
44.44
47.05
50.00
53.33
57.14
0 1 1 0 1
min
39.40
37.59
36.00
34.45
33.08
31.80
max
43.55
45.94
48.64
51.68
55.13
59.07
0 1 1 1 0
min
40.81
38.95
37.26
35.70
34.28
32.96
max
45.11
47.61
50.41
53.56
57.13
61.21
1 0 0 1 0
min
42.32
40.40
38.64
37.03
35.55
34.18
max
46.78
49.37
52.28
55.55
59.25
63.48
1 0 0 1 1
min
43.95
41.95
40.13
38.45
36.92
35.50
max
48.58
51.27
54.29
57.68
61.53
65.92
1 0 1 0 1
min
45.71
43.63
41.74
40.00
38.40
36.92
max
50.52
53.33
56.47
60.00
64.00
68.57
1 0 1 1 1
min
47.62
45.45
43.47
41.66
40.00
38.46
max
52.63
55.55
58.82
62.50
66.66
71.42
1 1 0 1 0
min
49.66
47.40
45.34
43.45
41.72
40.11
max
54.90
57.94
61.35
65.18
69.53
74.50
1 1 0 1 1
min
51.90
49.54
47.39
45.41
43.60
41.92
max
57.36
60.55
64.11
68.12
72.66
77.85
1 1 1 0 1
min
54.38
51.90
49.65
47.58
45.68
43.92
max
60.10
63.44
67.17
71.37
76.13
81.57
DFR Bits
4 3 2 1 0
DBW2-0 (Bits 7, 6 and 5 of IRRXDC)
min/max
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More