| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3530ECUSAGRM bảng dữ liệu(PDF) 142 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
3530ECUSAGRM bảng dữ liệu(HTML) 142 Page - Texas Instruments |
|
142 / 265 page ![]() OMAP DLL vdds_dpll_dll PowerRail DPLL4 DPLL1 DPLL2 DPLL3 vdds_dpll_per DPLL5 030-016 OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com 4.3 DPLL and DLL Specifications The OMAP3530/25 integrates seven DPLLs and a DLL. The PRM and CM drive five of them, while the sixth ( not supported ) and the seventh ( not supported ) are controlled by the display subsystem. The five main DPLLs are: • DPLL1 (MPU) • DPLL2 (IVA2 ) • DPLL3 (Core) • DPLL4 (Peripherals) • DPLL5 (Second Peripherals DPLL) Figure 4-9 illustrates the DLL and DPLL implementation. (1) Figure 4-9. DPLL and DLL Implementation For more information on the OMAP3530/25 Applications Processor DPLLs and clocking structure, see the Power, Reset, and Clock management (PRCM) chapter of the OMAP35x Applications Processor TRM (literature number SPRUFA5). 4.3.1 Digital Phase-Locked Loop (DPLL) The DPLL provides all interface clocks and some functional clocks (such as the processor clocks) of the OMAP3530/25 device. DPLL1 and DPLL2 get an always-on clock used to produce the synthesized clock. They get a high-speed bypass clock used to switch the DPLL output clock on this high-speed clock during bypass mode. The high-speed bypass clock is an L3 divided clock (programmable by 1 or 2) that saves DPLL processor power consumption when the processor does not need to run faster than the L3 clock speed, or optimizes performance during frequency scaling. Each DPLL synthesized frequency is set by programming M (multiplier) and N (divider) factors. In addition, all DPLL outputs can be controlled by an independent divider (M2 to M6). The clock generating DPLLs of the OMAP3530/25 device have following features: • Independent power domain per DPLL • Controlled by clock-manager (CM) • Fed with always-on system clock with independent gating control per DPLL 142 CLOCK SPECIFICATIONS Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |